Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download IRL2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91325C
IRL2505
l l l l l l l
Logic-Level Gate Drive Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated
HEXFET(R) Power MOSFET
D
VDSS = 55V RDS(on) = 0.008
G
ID = 104A
S
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 is universally preferred for all commercialIndustrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
TO-220AB
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
104 74 360 200 1.3 16 500 54 20 5.0 55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Juction-to-Ambient
Typ.
--- 0.50 ---
Max.
0.75 --- 62
Units
C/W
www.irf.com
1
11/19/01
IRL2505
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 55 --- --- --- --- 1.0 59 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. Max. Units Conditions --- --- V VGS = 0V, ID = 250A 0.035 --- V/C Reference to 25C, ID = 1mA --- 0.008 VGS = 10V, ID = 54A --- 0.010 VGS = 5.0V, ID = 54A --- 0.013 VGS = 4.0V, ID = 45A --- 2.0 V VDS = VGS, ID = 250A --- --- S VDS = 25V, ID = 54A --- 25 VDS = 55V, VGS = 0V A --- 250 VDS = 44V, VGS = 0V, T J = 150C --- 100 VGS = 16V nA --- -100 VGS = -16V --- 130 ID = 54A --- 25 nC VDS = 44V --- 67 VGS = 5.0V, See Fig. 6 and 13 12 --- VDD = 28V 160 --- ID = 54A ns 43 --- RG = 1.3, VGS = 5.0V 84 --- RD = 0.50, See Fig. 10 Between lead, 7.5 --- nH and center of die contact 5000 --- VGS = 0V 1100 --- pF VDS = 25V 390 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
I SM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 104 showing the A G integral reverse --- --- 360 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 54A, VGS = 0V --- 140 210 ns TJ = 25C, IF = 54A --- 650 970 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 240H RG = 25, IAS = 54A. (See Figure 12) ISD 54A, di/dt 230A/s, VDD V(BR)DSS, TJ 175C
Pulse width 300s; duty cycle 2%. Calculated continuous current based on maximum allowable
junction temperature;for recommended current-handling of the package refer to Design Tip # 93-4
2
www.irf.com
IRL2505
1000
TOP VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V
1000
ID , D rain-to-S ource C urrent (A )
100
ID , Drain-to-Source Current (A )
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
100
2 .5 V
10
10
2 .5 V 2 0 s P U LS E W ID T H T J = 2 5C
0.1 1 10
1
A
1 0.1 1
2 0 s P U LS E W ID TH T J = 1 75 C
10
100
100
A
V D S , D rain-to-S ource V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
ID = 90A
T J = 25 C
100
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D , D ra in -to-S ourc e C urrent (A)
2.0
T J = 1 75 C
1.5
1.0
10
0.5
1 2.5 3.5 4.5
V DS= 25V 2 0 s P U LS E W ID TH
5.5 6.5 7.5
A
0.0 -60 -40 -20 0
VGS = 5V
20 40 60 80 100 120 140 160 180
V G S , G ate-to -Sou rce Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRL2505
10000
8000
C iss
6000
V G S , G a te-to-S ou rc e V o ltag e (V )
V GS C is s C rs s C o ss
= = = =
0V , f = 1M H z C g s + C g d , Cd s S H O R T E D C gd C d s + C gd
15
I D = 5 4A V D S = 44 V V D S = 28 V
12
C , Capacitance (pF)
9
4000
C oss
6
2000
C rss
A
1 10 100
3
0
0 0 40 80
FO R TE S T CIR C U IT S E E FIG U R E 1 3
120 160
A
200
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
I S D , R everse Drain C urrent (A )
O P E R A T IO N IN T H IS A R E A L IM ITE D B Y R D S (o n )
10s
I D , D rain Current (A )
100 100 s
100
T J = 17 5C T J = 2 5C
1m s 10 10m s
10 0.4 0.8 1.2 1.6 2.0
V G S = 0V
2.4
A
1 1
T C = 25 C T J = 17 5C S ing le P u lse
10 100
A
2.8
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRL2505
120
LIMITED BY PACKAGE
100
VGS RG
D.U.T.
+
I D , Drain Current (A)
-V DD
80
5.0V
60
Pulse Width 1 s Duty Factor 0.1 %
40
Fig 10a. Switching Time Test Circuit
VDS
20
90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
1
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
D = 0.50
0.20 0.1
0.10 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1 1
P DM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRL2505
1200
L VDS D.U.T. RG + V - DD
5.0 V
E A S , S ingle P ulse A valanche E nergy (m J)
TO P
1000
B O TTO M
ID 22 A 3 8A 54 A
800
IAS tp
0.01
600
400
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp VDD VDS
200
0
V D D = 25 V
25 50 75 100 125 150
A
175
S tarting T J , J unc tion T em perature (C )
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRL2505
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ V DD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRL2505
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2.87 (.11 3) 2.62 (.10 3) 10 .54 (.4 15) 10 .29 (.4 05) 3 .7 8 (.149 ) 3 .5 4 (.139 ) -A 6.47 (.25 5) 6.10 (.24 0) -B 4.69 ( .18 5 ) 4.20 ( .16 5 ) 1 .32 (.05 2) 1 .22 (.04 8)
4 1 5.24 (.60 0) 1 4.84 (.58 4)
1.15 (.04 5) M IN 1 2 3
L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O U RC E 4 - D R A IN
1 4.09 (.55 5) 1 3.47 (.53 0)
4.06 (.16 0) 3.55 (.14 0)
3X 3X 1 .4 0 (.0 55 ) 1 .1 5 (.0 45 )
0.93 (.03 7) 0.69 (.02 7) M BAM
3X
0.55 (.02 2) 0.46 (.01 8)
0 .3 6 (.01 4)
2.54 (.10 0) 2X N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C ING P E R A N S I Y 1 4.5M , 1 9 82. 2 C O N TR O L LIN G D IM E N S IO N : IN C H
2 .92 (.11 5) 2 .64 (.10 4)
3 O U T LIN E C O N F O R M S TO JE D E C O U T LIN E TO -2 20 A B . 4 H E A TS IN K & LE A D M E A S U R E M E N T S D O N O T IN C LU DE B U R R S .
TO-220AB Part Marking Information
E X A M P L E : TH IS IS A N IR F1 0 1 0 W IT H A S S E M B L Y LOT C ODE 9B1M
A
IN TE R N A TIO N A L R E C TIF IE R LOGO ASSEMBLY LOT CO DE
PART NU MBER IR F 10 1 0 9246 9B 1M
D A TE C O D E (Y Y W W ) YY = YEAR W W = W EEK
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRL2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X